Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5145A Datasheet(PDF) 12 Page - ams AG

Part # AS5145A
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A Datasheet(HTML) 12 Page - ams AG

Back Button AS5145A Datasheet HTML 8Page - ams AG AS5145A Datasheet HTML 9Page - ams AG AS5145A Datasheet HTML 10Page - ams AG AS5145A Datasheet HTML 11Page - ams AG AS5145A Datasheet HTML 12Page - ams AG AS5145A Datasheet HTML 13Page - ams AG AS5145A Datasheet HTML 14Page - ams AG AS5145A Datasheet HTML 15Page - ams AG AS5145A Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
12 - 36
AS5145
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS5145 is manufactured in a CMOS standard process and uses a spinning current Hall technology for sensing the magnetic field
distribution across the surface of the chip. The integrated Hall elements are placed around the center of the device and deliver a voltage
representation of the magnetic field at the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5145 provides accurate high-resolution
absolute angular position information. For this purpose a Coordinate Rotation Digital Computer (CORDIC) calculates the angle and the
magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs MagINCn and MagDECn that indicate movements of the used magnet towards
or away from the device’s surface. A small low cost diametrically magnetized (two-pole) standard magnet provides the angular position
information (see Figure 18).
The AS5145 senses the orientation of the magnetic field and calculates a 12-bit binary code. This code can be accessed via a Synchronous
Serial Interface (SSI). In addition, an absolute angular representation is given by a Pulse Width Modulated signal at pin 12 (PWM). This PWM
signal output also allows the generation of a direct proportional analog voltage, by using an external Low-Pass-Filter. The AS5145 is tolerant to
magnet misalignment and magnetic stray fields due to differential measurement technique and Hall sensor conditioning circuitry.
Figure 4. Typical Arrangement of AS5145 and Magnet
8.1 Mode_Index Pin
The Mode_Index pin activates or deactivates an internal filter, that is used to reduce the analog output noise.
Activating the filter (Mode pin = LOW or open) provides a reduced output noise of 0.03º rms. At the same time, the output delay is increased to
384µs. This mode is recommended for high precision, low speed applications.
Deactivating the filter (Mode pin = HIGH) reduces the output delay to 96µs and provides an output noise of 0.06º rms. This mode is
recommended for higher speed applications.
Setup the Mode pin affects the following parameters:
Note:
A change of the Mode during operation is not allowed. The setup must be constant during power up and during operation.
Table 7. Slow and fast mode parameters
Parameter
Slow Mode (mode= low or open)
Fast Mode (mode=high, VDD= 5V)
Sampling rate
2.61 kHz (384 µs)
10.42 kHz (96µs)
Transition noise (1 sigma)
≤ 0.03º rms
≤ 0.06º rms
Output delay
384µs
96µs
Maximum speed @ 4096 samples/rev
38 rpm
153 rpm
Maximum speed @ 1024 samples/rev
153 rpm
610 rpm
Maximum speed @ 256 samples/rev
610 rpm
2441 rpm
Maximum speed @ 64 samples/rev
2441 rpm
9766 rpm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com