Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5215 Datasheet(PDF) 20 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 20 Page - ams AG

Back Button AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG AS5215 Datasheet HTML 23Page - ams AG AS5215 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.8
20 - 24
AS5215
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.8 Analog Sin/Cos Outputs with External Interpolator
Figure 17. Sine and Cosine Outputs for External Angle Calculation
The AS5215 provides analog Sine and Cosine outputs (SINP, COSP) of the Hall array front-end for test purposes. These outputs allow the user
to perform the angle calculation by an external ADC + µC, e.g. to compute the angle with a high resolution. The output driver capability is 1mA.
The signal lines should be kept as short as possible, longer lines should be shielded in order to achieve best noise performance.
Through the programming of one bit, you have the possibility to choose between the analog Sine and Cosine outputs (SINP, COSP) and their
inverted signals (SINN, COSN). Furthermore, by programming the bits <9:10> you can enable the common mode output signals of SIN and
COS.
The DC bias voltage is 1.5 or 2.5 V.
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
VDD
SINP_1/SINN_1
SINN_1/SINP_1/CM_SIN_1
SINN_2/SINP_2/CM_SIN_2
VSS
D
DA
A
D
DA
A
COSP_1/COSN_1
COSN_1/COSP_1/CM_COS_1
COSN_2/COSP_2/CM_COS_2
SINP_2 / SINN_2
COSP_2/COSN_2
PROG
100k
Notes:
1. We recommend to use a 100k pull-up resistance.
2. Default conditions for unused pins are: DCLK_1/2, CS_1/2, DIO_1/2, TC_1/2, A_TST_1/2, TBO_1/2, TB1_1/2, TB2_1/2,
TB3_1/2 connect to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com