Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5145-HSST Datasheet(PDF) 10 Page - ams AG

Part # AS5145-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145-HSST Datasheet(HTML) 10 Page - ams AG

Back Button AS5145-HSST Datasheet HTML 6Page - ams AG AS5145-HSST Datasheet HTML 7Page - ams AG AS5145-HSST Datasheet HTML 8Page - ams AG AS5145-HSST Datasheet HTML 9Page - ams AG AS5145-HSST Datasheet HTML 10Page - ams AG AS5145-HSST Datasheet HTML 11Page - ams AG AS5145-HSST Datasheet HTML 12Page - ams AG AS5145-HSST Datasheet HTML 13Page - ams AG AS5145-HSST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
10 - 36
AS5145
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Figure 3. Integral and Differential Non-Linearity Example
Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next. Transition Noise (TN) is the
repeatability of an indicated position.
180°
360 °
0 °
0
512
1023
α
α 10bit code
0
1
2
0.35°
INL
Ideal curve
Actual curve
TN
512
1023
DNL+1LSB
[degrees]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com