Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5304 Datasheet(PDF) 11 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 11 Page - ams AG

Back Button AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG AS5304 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 11 of 13
9.4
A / B / C Push/Pull or Open Drain Output
Push Pull Mode is set for AS530xA, Open Drain Mode is set for AS530xB versions.
Parameter
Symbol
Min
Typ
Max
Unit
Note
High level output voltage
VOH
0.8 VDD
V
Push/Pull mode
Low level output voltage
VOL
0.4 + VSS
V
Current source capability
ILOH
12
14
mA
Push/Pull mode
Current sink capability
ILOL
13
15
mA
Short circuit limitation current
IShort
25
39
mA
Reduces maximum
operating temperature
Capacitive load
CL
20
pF
See Figure 13
Load resistance
RL
820
Ω
See Figure 13
Rise time
tR
1.2
µs
Push/Pull mode
Fall time
tF
1.2
µs
RL = 820Ω
TTL
74LS00
CL = 20pF
A/B/Index
from
AS5304/6
VDD = 5V
Figure 13:
Typical digital load
9.5
CAO Analogue Output Buffer
Parameter
Symbol
Min
Typ
Max
Unit
Note
Minimum output voltage
VOutRange
0.5
1
1.2
V
Strong field, min.
AGC
Maximum output voltage
VOutRange
3.45
4
4.3
V
Weak field, max.
AGC
Offset
VOffs
±10
mV
Current sink / source capability
IL
5
mA
Average short circuit current
IShort
6
40
mA
Reduces maximum
Operating
Temperature
Capacitive load
CL
10
pF
Bandwidth
BW
5
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com