Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8218 Datasheet(PDF) 98 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 98 Page - ams AG

Back Button AS8218 Datasheet HTML 94Page - ams AG AS8218 Datasheet HTML 95Page - ams AG AS8218 Datasheet HTML 96Page - ams AG AS8218 Datasheet HTML 97Page - ams AG AS8218 Datasheet HTML 98Page - ams AG AS8218 Datasheet HTML 99Page - ams AG AS8218 Datasheet HTML 100Page - ams AG AS8218 Datasheet HTML 101Page - ams AG AS8218 Datasheet HTML 102Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 98 of 123
8.7
System Control (SCT)
The system control is responsible for handling different modes of operation such as normal mode (metering
functions) and test mode.
The clock generation and reset control are also available in System Control (SCT).
Modes of Operation
Power off
In this mode everything is off including the ‘System Timing and RTC’ block, provided that no battery is
connected to VDD_BAT or the battery is discharged. Nothing happens.
RTC on, Rest of the Chip off
In this mode the ‘System Timing and RTC’ block is supplied by a battery, the RTC is working, but no interrupts
are generated.
At the moment the battery is inserted, a power-on reset just for the RTC will be generated. The reset will be set
to 0 after the first clock edges arrive.
Power-up Phase
When the power is switched on (for the ‘rest’ of the chip), there is a power-on reset first and the reset is held
until the BOOTLOAD block has finished operation. The BOOTLOAD block will load the P_RAM from the
external EEPROM.
After BOOTLOAD the MCU will start to work. The loaded program will be executed. It is assumed that at the
beginning of the program various system parameters are set (sel_i, sel_v, sel_p, creep etc.)
No EEPROM programmed, must be loaded from outside
If the EEPROM does not contain a program the MCU will run idle mode. It is necessary to write a program to
the EEPROM next.
Write to EEPROM
The EEPROM can directly be written (from outside) using the UART1 interface. The following diagram shows
the main blocks involved:
UART1
SCT
SPI
EEPROM
RXD
S_N
SO
SC
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com