Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA18 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SA18
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SA18 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SA18 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SA18 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
FEATURES
Plastic package has Underwrites Laboratory
Flammability Classification 94V-O
Glass passivated chip junction
500W Peak Pulse Power capability
on 10/1000 s waveform
Excellent clamping capability
Repetition rate (duty cycle):0.01%
Low incremental surge resistance
Fast response time: typically less than 1.0 ps
from 0 volts to BV for unidirctional and 5.0ns
for bidirctional types
Typical ID less than 1 A above 10V
High tempreature soldering guaranteed:
0
300 C/10 seconds .375", (9.5mm)
lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-15 Molded plastic over passivated junction
Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity:Color band denotes positive end (cathode) except Bidirectionals types
Mounting Position
Weight:0.015 ounce, 0.4 gram
VOLTAGE 6.8 to 144 VOLTS
400 WATT PEAK POWER
1.0 WATTS STEADY STATE
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
RATINGS
SYMBOL
Operating Junction and Storage Temperature Range
PPPM
IPPM
PM(AV0
IFSM
TJ, TSTG
VALUE
Minimum 5000
70.0
1.0
SEE TABLE 1
-65 to + 175
Amps
Amps
UNITS
0
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
22
2. Measured on copper Leaf area of 1.57 in (40mm ) per Figure 5
3. 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minutes maximum.
Watts
Watts
0C
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Super-
imposed on Rated Load, unidirrctional only (JEDEC Method)(NOTE 3)
0
Steady Power Dissipation at TL=75 C
Lead Lengths .375",(9.5mm)(NOTE 2)
Peak Pulse Power Dissipation on 10/1000
s waveform (NOTE 1,2,Fig.1)
Peak Pulse Current of on 10/1000
s waveform (NOTE 1,Fig.3)
DO-15
SA5.0 thru SA170CA


Similar Part No. - SA18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA18 PANJIT-SA18 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA18 WTE-SA18 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA18 BYTES-SA18 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA18 DCCOM-SA18 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA18 EIC-SA18 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA18

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com