Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3063 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3063
Description  5.5-23GHz Driver Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3063 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3063 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHA3063
5.5-23GHz Driver Amplifier
Ref : DSCHA30632263 -20-Sept.-02
2/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics on wafer
Tamb = +25°C, Vd1 = Vd2 =4V Vg tuned for Id=160mA (around –0.27V)
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
5.5
23
GHz
G
Small signal gain
18
19
dB
∆G
Small signal gain flatness
±1.0
dB
Is
Reverse isolation
35
dB
P1dB
CW output power at 1dB compression (1)
+16
+18
dBm
Psat
Saturated Output Power (Pin=0dBm)
+18
+21
dBm
IP3
3 rd order intercept(2)
28
dBm
VSWRin
Input VSWR
2.0:1
2.5:1
VSWRout
Output VSWR
2.0:1
2.5:1
NF
Noise figure
4.5
6
dB
Id_small signal Bias current
160
210
mA
(1) These values are representative for CW
on-wafer measurements that are made without
bonding wires at the RF ports.
(2) Value representative for CW on jig measurement
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vds
Drain bias voltage_small signal
5.0
V
Ids
Drain bias current_small signal
210
mA
Vg
Gate bias voltage
-2 to +0.4
V
Ig
Gate bias current
0.7
mA
Vgd
Maximun negative gate drain Voltage (Vg-Vd)
-5
V
Pin
Maximum continuous input power
Maximum peak input power overdrive (2)
+1
+15
dBm
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com