Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-3430 Datasheet(PDF) 1 Page - AAEON Technology

Part # PCM-3430
Description  PC/104 Plus Ultra Wide SCSI Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PCM-3430 Datasheet(HTML) 1 Page - AAEON Technology

  PCM-3430 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC/104 PCMCIA/CompactFlash™ to IDE Module
Allows System to Access the PCMCIA or CompactFlash™
ATA Card Directly as a Standard IDE Drive
Supports Type I/II/III PCMCIA and Type I/II CompactFlash™
Cards
No Driver Required
Features
Specifications
40-pin IDE and 4-pin power connectors
Power Requirement
Connector
+5V
Operating Temperature
32°F ~ 158°F (0°C ~ 70°C)
Ordering Information
• PCM-3116
PC/104 PCMCIA/CompactFlash™ to IDE Module
• PCM-3116CF
PC/104 CompactFlash™ to IDE Module
• PCM-3116PC
PC/104 PCMCIA to IDE Module
• PCM-3116PC/F
PCMCIA to IDE Drive with 3.5" FDD Form Factor
PCM-3116
PCM-3116
PCM-3116
PC/104 Plus Ultra Wide SCSI Module
High Speed 32-bit PCI Bus Master DMA Transfer Up to
133MB/sec in Burst Mode
Max Transfer Rate Up to 80MB/sec with Wide LVD SCSI Devices
Up to 15 LVD SCSI Devices Supported
LVD SCSI Cable Length Up to 12 Meters
PCI 2.1 Compliant
Features
Specifications
Processor
LSI Symbios 53C895 Ultra2 SCSI Processor
Max Transfer Rate
80MB/sec
Max Device
15
Power Requirement
+5V
Connector
68-pin Ultra2 LVD SCSI
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Driver Available
DOS, Windows® 95/98, Windows® NT, Windows® 2000,
Netware, Linux, Unixware
Ordering Information
• PCM-3430-A10
PC/104 Plus Ultra Wide SCSI Module
• PCM-3430-A10-01
PC/104 Plus Ultra Wide SCSI Module with 68pin SCSI Cable
Mass Storage Modules
Mass Storage Modules
2
5
PC/104
CPU
Modules
1
Compact
Boards
4
Media PC
3
Embedded
Motherboards
8
Mini PCI
Modules
6
ETX CPU
Modules
7
RISC CPU
Module
9
PC/104
Peripheral
Modules
9-6
www.aaeon.com
10
Full-size
SBC
12
Accessories
11
Half-size
SBC
SubCompact
Boards
PCM-3430
PCM-3430
PCM-3430


Similar Part No. - PCM-3430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3430 ETC-PCM-3430 Datasheet
59Kb / 11P
Symbios SYM53C895 Small Computer System Integrated chip
More results

Similar Description - PCM-3430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
PC/104-Plus PCMCIA Module
logo
Intel Corporation
EM104P-I6023 INTEL-EM104P-I6023 Datasheet
88Kb / 1P
Intel Ultra Low Voltage Celeron 400 PC/104 Board with VGA/LCD, TV-out, CF, PC/104 & PC/104-Plus
logo
Advantech Co., Ltd.
PCM-3353 ADVANTECH-PCM-3353 Datasheet
1Mb / 3P
AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
PCM-3115 ADVANTECH-PCM-3115 Datasheet
243Kb / 1P
2-slot CardBus PC/104-Plus Module
logo
List of Unclassifed Man...
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
PC/104-Plus Video Expansion Module
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com