Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1790 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1790
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1790 Datasheet HTML 2Page - Microchip Technology MCP1790 Datasheet HTML 3Page - Microchip Technology MCP1790 Datasheet HTML 4Page - Microchip Technology MCP1790 Datasheet HTML 5Page - Microchip Technology MCP1790 Datasheet HTML 6Page - Microchip Technology MCP1790 Datasheet HTML 7Page - Microchip Technology MCP1790 Datasheet HTML 8Page - Microchip Technology MCP1790 Datasheet HTML 9Page - Microchip Technology MCP1790 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP1790/MCP1791
DS22075A-page 6
© 2008 Microchip Technology Inc.
Detect Threshold to PWRGD Active
Time Delay
TVDET-PWRG
D
—
235
—
µs
VOUT = VPWRGD_TH +
100 mV to VPWRGD_TH -
100 mV
AC Performance
Output Delay From SHDN
TOR
—
200
—
µs
SHDN = GND to VIN,
VOUT = GND to 95% VR,
COUT = 1.0 µF
PWRGD Delay from SHDN
TSHDN_PG
—
400
—
ns
SHDN = VIN to GND,
COUT = 1.0 µF
Output Noise
eN
—1.2
—
µV/
√Hz) I
OUT = 50 mA, f = 1 kHz
Power Supply Ripple Rejection Ratio
PSRR
dB
VIN = 7.0V, CIN = 0 µF,
IOUT = 10 mA,
VINAC = 400 mVpp
—
90
—
f = 100 Hz
—
75
—
f = 1 kHz, VR = 5.0V
—
80
—
f = 1 kHz, VR = < 5.0V
Thermal Shutdown Temperature
TSD
—
157
—
°C
Rising Temperature
Thermal Shutdown Hysteresis
ΔT
SD
—
20
—
°C
Falling Temperature
Short Circuit Recovery Time
tTHERM
—0
—
ms
(Note 8)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, V
IN = VOUT(MAX) + VDROPOUT(MAX), (Note 1), IOUT = 1 mA,
COUT = 4.7 µF (X7R Ceramic), CIN = 4.7 µF (X7R Ceramic), TA = +25°C, SHDN > 2.4V.
Boldface type applies for junction temperatures, T
J (Note 5) of -40°C to +125°C.
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN, VIN(MIN) must meet two conditions: VIN ≥ 6.0V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage.
3:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
4:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 165°C rating. Sustained
junction temperatures above 165°C can impact the device reliability.
5:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
ambient temperature is not significant.
6:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VR + VDROPOUT(MAX).
7:
Sustained junction temperatures above 165°C can impact the device reliability.
8:
The Short Circuit Recovery Time test is done by placing the device into a short circuit condition and then removing the
short circuit condition before the device die temperature reaches 125 °C. If the device goes into thermal shutdown, then
the Short Circuit Recovery Time will depend upon the thermal dissipation properties of the package and circuit board.
9:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10^6 / (VR * ΔTemperature), VOUT-HIGH = highest voltage measured over the tem-
peraturerange. VOUT-LOW = lowest voltage measured over the temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com