Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1301A-APAVMF Datasheet(PDF) 20 Page - Microchip Technology

Part # TC1301A-APAVMF
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-APAVMF Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC1301A-APAVMF Datasheet HTML 16Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 17Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 18Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 19Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 20Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 21Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 22Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 23Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TC1301A/B
DS21798C-page 20
© 2008 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
X1 represents VOUT1 configuration:
X2 represents VOUT2 configuration:
Xr represents the reset voltage range:
For a listing of TC1301A/B standard parts, refer to the
Product Identification System section on page 25.
8-Lead MSOP
XXXXXX
YWWNNN
Example:
AFHA
0435
256
Example:
31AFHA
435256
8-Lead DFN
XXXX
YYWW
NNN
— 31A = TC1301A
— F = 2.8V VOUT1
— H = 2.6V VOUT2
— A = 2.63V Reset
Code
VOUT1
Code
VOUT1
Code
VOUT1
A3.3V
J
2.4VS1.5V
B3.2VK2.3V
T
1.65V
C
3.1V
L
2.2V
U
2.85V
D
3.0V
M
2.1V
V
2.65V
E
2.9V
N
2.0V
W
1.85V
F
2.8V
O
1.9V
X
—
G
2.7VP1.8VY
—
H
2.6V
Q
1.7V
Z
—
I
2.5V
R
1.6V
Code
VOUT2
Code
VOUT2
Code
VOUT2
A3.3V
J
2.4VS1.5V
B3.2VK2.3V
T
1.65V
C
3.1V
L
2.2V
U
2.85V
D
3.0V
M
2.1V
V
2.65V
E
2.9V
N
2.0V
W
1.85V
F
2.8V
O
1.9V
X
—
G
2.7VP1.8VY
—
H
2.6V
Q
1.7V
Z
—
I
2.5V
R
1.6V
Code
Voltage
Code
Voltage
A2.63V
J
—
B2.2VK
—
C2.32V
L
—
D2.5V
M
—
E2.4V
N
—
F2.6V
O
—
G—
P
—
H—
Q
—
I—
R
—
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com