Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F609T-I/MD Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC12F609T-I/MD
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609T-I/MD Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC12F609T-I/MD Datasheet HTML 68Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 69Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 70Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 71Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 72Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 73Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 74Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 75Page - Microchip Technology PIC12F609T-I/MD Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 72
 2010 Microchip Technology Inc.
REGISTER 9-1:
CMCON0: COMPARATOR CONTROL REGISTER 0
R/W-0
R-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
CMON
COUT
CMOE
CMPOL
—
CMR
—
CMCH
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CMON: Comparator Enable bit
1
= Comparator is enabled
0
= Comparator is disabled
bit 6
COUT: Comparator Output bit
If C1POL = 1 (inverted polarity):
COUT = 0 when CMVIN+ > CMVIN-
COUT = 1 when CMVIN+ < CMVIN-
If C1POL = 0 (non-inverted polarity):
COUT = 1 when CMVIN+ > CMVIN-
COUT = 0 when CMVIN+ < CMVIN-
bit 5
CMOE: Comparator Output Enable bit
1
= COUT is present on the COUT pin(1)
0
= COUT is internal only
bit 4
CMPOL: Comparator Output Polarity Select bit
1
= COUT logic is inverted
0
= COUT logic is not inverted
bit 3
Unimplemented: Read as ‘0’
bit 2
CMR: Comparator Reference Select bit (non-inverting input)
1
= CMVIN+ connects to CMVREF output
0
= CMVIN+ connects to CIN+ pin
bit 1
Unimplemented: Read as ‘0’
bit 0
CMCH: Comparator C1 Channel Select bit
0
= CMVIN- pin of the Comparator connects to CIN0-
1
= CMVIN- pin of the Comparator connects to CIN1-
Note 1:
Comparator output requires the following three conditions: CMOE = 1, CMON = 1 and corresponding port
TRIS bit = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com