Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6284T-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6284T-E/MS
Description  450 關A, 5 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6284T-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6284T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 16Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 17Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6284T-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21811E-page 15
MCP6281/1R/2/3/4/5
4.9
Application Circuits
4.9.1
SALLEN-KEY HIGH-PASS FILTER
The MCP6281/1R/2/3/4/5 op amps can be used in
active-filter applications. Figure 4-8 shows a second-
order Sallen-Key high-pass filter with a gain of 1. The
output bias voltage is set by the VDD/2 reference, which
can be changed to any voltage within the output voltage
range.
FIGURE 4-8:
Sallen-Key High-Pass Filter.
This filter, and others, can be designed using
Microchip’s Design Aids; see Section 5.2 “FilterLab®
Software”
and
Section 5.3
“Mindi™
Circuit
Designer & Simulator”.
4.9.2
INVERTING MILLER INTEGRATOR
Analog integrators are used in filters, control loops and
measurement circuits. Figure 4-9 shows the most
common implementation, the inverting Miller integrator.
The non-inverting input is at VDD/2 so that the op amp
properly biases up. The switch (SW) is used to zero the
output in some applications. Other applications use a
feedback loop to keep the output within its linear range
of operation.
FIGURE 4-9:
Miller Integrator.
4.9.3
CASCADED OP AMP
APPLICATIONS
The MCP6285 provides the flexibility of Low-power
mode for dual op amps in an 8-pin package. The
MCP6285 eliminates the added cost and space in
battery-powered applications by using two single op
amps with Chip Select lines or a 10-pin device with one
Chip Select line for both op amps. Since the two op
amps are internally cascaded, this device cannot be
used in circuits that require active or passive elements
between the two op amps. However, there are several
applications where this op amp configuration with
Chip Select line becomes suitable. The circuits below
show possible applications for this device.
4.9.3.1
Load Isolation
With the cascaded op amp configuration, op amp B can
be used to isolate the load from op amp A. In applica-
tions where op amp A is driving capacitive or low resis-
tance loads in the feedback loop (such as an integrator
circuit or filter circuit), the op amp may not have
sufficient source current to drive the load. In this case,
op amp B can be used as a buffer.
FIGURE 4-10:
Isolating the Load with a
Buffer.
4.9.3.2
Cascaded Gain
Figure 4-11 shows a cascaded gain circuit configura-
tion with Chip Select. Op amps A and B are configured
in a non-inverting amplifier configuration. In this
configuration, it is important to note that the input offset
voltage of op amp A is amplified by the gain of
op amp A and B, as shown below:
Therefore, it is recommended to set most of the gain
with op amp A and use op amp B with relatively small
gain (e.g., a unity-gain buffer).
MCP6281
VOUT
VIN
VDD/2
R2
R1
C2
C1
+
–
MCP6281
VOUT
VIN
VDD/2
RC
VOUT
VIN
=
1
sRC
SW
+
–
A
B
MCP6285
CS
VOUTB
Load
V
OUT
V
INGAGB
V
OSAGAGB
V
OSBGB
+
+
=
Where:
GA
=
op amp A gain
GB
=
op amp B gain
VOSA
=
op amp A input offset voltage
VOSB
=
op amp B input offset voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com