Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6274T-E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6274T-E/ST
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6274T-E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6274T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6274T-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21810F-page 7
MCP6271/1R/2/3/4/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF and CS is tied low.
FIGURE 2-7:
Common Mode Input
Voltage Range Lower Limit vs. Temperature.
FIGURE 2-8:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
Common Mode Input
Voltage Range Upper Limit vs. Temperature.
FIGURE 2-11:
Input Bias, Input Offset
Currents vs. Temperature.
FIGURE 2-12:
CMRR, PSRR vs.
Temperature.
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Typical lower (VCM – VSS) limit
VDD = 5.5V
VDD = 2.0V
-100
-50
0
50
100
150
200
250
300
0.0 0.5 1.01.5 2.02.5 3.0 3.5 4.04.5 5.05.5
Output Voltage (V)
VDD = 2.0V
VCM = VSS
Representative Part
VDD = 5.5V
20
30
40
50
60
70
80
90
100
110
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
Frequency (Hz)
1
10k
100k
1M
100
10
1k
PSRR–
PSRR+
CMRR
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Typical upper (VCM – VDD) limit
VDD = 5.5V
VDD = 2.0V
1
10
100
1,000
10,000
45
55
65
75
85
95
105 115 125
Ambient Temperature (°C)
Input Bias Current
VCM = VDD
VDD = 5.5V
Input Offset Current
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
(VCM = VSS)
CMRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com