Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F615-I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12F615-I/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-I/P Datasheet(HTML) 4 Page - Microchip Technology

  PIC12F615-I/P Datasheet HTML 1Page - Microchip Technology PIC12F615-I/P Datasheet HTML 2Page - Microchip Technology PIC12F615-I/P Datasheet HTML 3Page - Microchip Technology PIC12F615-I/P Datasheet HTML 4Page - Microchip Technology PIC12F615-I/P Datasheet HTML 5Page - Microchip Technology PIC12F615-I/P Datasheet HTML 6Page - Microchip Technology PIC12F615-I/P Datasheet HTML 7Page - Microchip Technology PIC12F615-I/P Datasheet HTML 8Page - Microchip Technology PIC12F615-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 4
 2010 Microchip Technology Inc.
8-Pin Diagram, PIC12F609/HV609 (PDIP, SOIC, MSOP, DFN)
TABLE 1:
PIC12F609/HV609 PIN SUMMARY (
PDIP, SOIC, MSOP, DFN)
Device
Program
Memory
Data Memory
Self Read/
Self Write
I/O
10-bit A/D
(ch)
Comparators ECCP
Timers
8/16-bit
Voltage Range
Flash
(words)
SRAM (bytes)
PIC12F609
1024
64
—
50
1
—
1/1
2.0V-5.5V
PIC12HV609
1024
64
—
50
1
—
1/1
2.0V-user defined
PIC12F615
1024
64
—
5
4
1
YES
2/1
2.0V-5.5V
PIC12HV615
1024
64
—
5
4
1
YES
2/1
2.0V-user defined
PIC12F617
2048
128
YES
5
4
1
YES
2/1
2.0V-5.5V
I/O
Pin
Comparators
Timer
Interrupts
Pull-ups
Basic
GP0
7
CIN+
—
IOC
Y
ICSPDAT
GP1
6
CIN0-
—
IOC
Y
ICSPCLK
GP2
5
COUT
T0CKI
INT/IOC
Y
—
GP3(1)
4—
—
IOC
Y(2)
MCLR/VPP
GP4
3
CIN1-
T1G
IOC
Y
OSC2/CLKOUT
GP5
2
—
T1CKI
IOC
Y
OSC1/CLKIN
—
1
—
—
—
—
VDD
—
8
—
———
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
1
2
3
4
5
6
7
8
PIC12F609/
HV609
VSS
GP0/CIN+/ICSPDAT
GP1/CIN0-/ICSPCLK
GP2/T0CKI/INT/COUT
VDD
GP5/T1CKI/OSC1/CLKIN
GP4/CIN1-/T1G/OSC2/CLKOUT
GP3/MCLR/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com