Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC54VC1402EZB Datasheet(PDF) 4 Page - Microchip Technology

Part # TC54VC1402EZB
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC1402EZB Datasheet(HTML) 4 Page - Microchip Technology

  TC54VC1402EZB Datasheet HTML 1Page - Microchip Technology TC54VC1402EZB Datasheet HTML 2Page - Microchip Technology TC54VC1402EZB Datasheet HTML 3Page - Microchip Technology TC54VC1402EZB Datasheet HTML 4Page - Microchip Technology TC54VC1402EZB Datasheet HTML 5Page - Microchip Technology TC54VC1402EZB Datasheet HTML 6Page - Microchip Technology TC54VC1402EZB Datasheet HTML 7Page - Microchip Technology TC54VC1402EZB Datasheet HTML 8Page - Microchip Technology TC54VC1402EZB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC54
DS21434H-page 4
© 2007 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Digital Output (VOUT)
VOUT goes low when VIN drops below VDET – and
returns high when VIN rises above VDET – + VHYST.
(See Figure 3-1).
2.2
Analog Input (VIN)
VIN can be used for power supply monitoring or a
voltage level that requires monitoring.
2.3
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
2.4
No Connect (NC)
No internal connection.
Pin No.
(3-Pin SOT-23A)
Pin No.
(3-Pin SOT-89)
Pin No.
(3-Pin TO-92)
Symbol
Description
11
1
VOUT
Digital Output
32
2
VIN
Analog Input
23
3
VSS
Ground Terminal
—Tab
—
VIN
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com