Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010EP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
20
Version: DM9010-17--DS-P04
Jan. 18, 2006
3:0
JPT
PHS7,
RW
Jam Pattern Time. Default is 200us
bit3 bit2 bit1 bit0
time
0
0
0
0
5us
0
0
0
1
10us
0
0
1
0
15us
0
0
1
1
25us
0
1
0
0
50us
0
1
0
1
100us
0
1
1
0
150us
0
1
1
1
200us
1
0
0
0
250us
1
0
0
1
300us
1
0
1
0
350us
1
0
1
1
400us
1
1
0
0
450us
1
1
0
1
500us
1
1
1
0
550us
1
1
1
1
600us
6.10 Flow Control Threshold Register ( 09H )
Bit
Name
Default
Description
7:4
HWOT
PHS3,
RW
RX FIFO High Water Overflow Threshold
Send a pause packet with pause_ time=FFFFH when the RX RAM free space is
less than this value., If this value is zero, its means no free RX SRAM space.
Default is 3K-byte free space. Please do not exceed SRAM size (1 unit=1K bytes)
3:0
LWOT
PHS8,
RW
RX FIFO Low Water Overflow Threshold
Send a pause packet with pause_time=0000 when RX SRAM free space is larger
than this value. This pause packet is enabled after the high water pause packet is
transmitted. Default SRAM free space is 8K-byte. Please do not exceed SRAM
size
(1 unit=1K bytes)
6.11 RX/TX Flow Control Register ( 0AH )
Bit
Name
Default
Description
7
TXP0
HPS0,RW TX Pause Packet
Auto clears after pause packet transmission completion. Set to TX pause packet
with time = 0000h
6
TXPF
HPS0,RW TX Pause packet
Auto clears after pause packet transmission completion. Set to TX pause packet
with time = FFFFH
5
TXPEN
HPS0,RW Force TX Pause Packet Enable
Enables the pause packet for high/low water threshold control
4
BKPA
HPS0,RW Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when any
packet comes and RX SRAM is over BPHW
3
BKPM
HPS0,RW Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when a packet’s
DA matches and RX SRAM is over BPHW
2
RXPS
HPS0,R/C RX Pause Packet Status, latch and read clearly
1
RXPCS
HPS0,RO
RX Pause Packet Current Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com