Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013EP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
DM9013
3-port switch with Processor Interface
20
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
P_CTRL
Per Port Control Data Register
61H
00H
P_STUS
Per Port Status Data Register
62H
00H
P_RATE
Per Port Ingress and Egress Rate Control Register
66H
00H
P_BW
Bandwidth Control Register
67H
00H
P_UNICAST
Per Port Block Unicast ports Control Register
68H
00H
P_MULTI
Per Port Block Multicast ports Control Register
69H
00H
P_BCAST
Per Port Block Broadcast ports Control Register
6AH
00H
P_UNKNWN
Per Port Block Unknown ports Control Register
6BH
00H
P_PRI
Per Port Priority Queue Control Register
6DH
00H
VLAN_TAGL
Per Port VLAN Tag Low Byte Register
6EH
01H
VLAN_TAGH
Per Port VLAN Tag High Byte Register
6FH
00H
P_MIB_IDX
Per Port MIB counter Index Register
80H
00H
MIB_DAT
MIB counter Data Register bit 0~7
81H
00H
MIB_DAT
MIB counter Data Register bit 8~15
82H
00H
MIB_DAT
MIB counter Data Register bit 16~23
83H
00H
MIB_DAT
MIB counter Data Register bit 24~31
84H
00H
PVLAN
Port-based VLAN mapping table registers
B0-BFH
0FH
TOS_MAP
TOS Priority Map Register
C0-CFH
00H~FFH
VLAN_MAP
VLAN priority Map Register
D0-D1H
50H,FAH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read address Register Low Byte
F4H
00H
MRRH
Memory Data Read address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write address Register Low Byte
FAH
00H
MWRH
Memory Data Write address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H
IMR
Interrupt Mask Register
FFH
00H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset default value
H = hardware reset command default value
S = software reset default value
E = default value from EEPROM
T = default value from strap pin
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits are shaded and should be written with 0.
Reserved bits are undefined on read access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com