Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1GDOM40H-S Datasheet(PDF) 39 Page - Transcend Information. Inc.

Part # TS1GDOM40H-S
Description  40-Pin IDE Flash Module (Horizontal)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM40H-S Datasheet(HTML) 39 Page - Transcend Information. Inc.

Back Button TS1GDOM40H-S Datasheet HTML 31Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 32Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 33Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 34Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 35Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 36Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 37Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 38Page - Transcend Information. Inc. TS1GDOM40H-S Datasheet HTML 39Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 8
8
8G
G
GD
D
DO
O
OM
M
M4
4
40
0
0H
H
H---S
S
S
Transcend Information Inc.
Ver 1.3
39
Ordering Information
The above technical information is based on industry standard data and has been tested to be reliable. However, Transcend
makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes to the specifications at any time without prior notice.
USA
Los Angeles:
E-mail: sales@transcendusa.com
Maryland:
E-mail: sales_md@transcendusa.com
www.transcendusa.com
CHINA
E-mail: sales@transcendchina.com
www.transcendchina.com
GERMANY
E-mail: vertrieb@transcend.de
www.transcend.de
HONG KONG
E-mail: sales@transcend.com.hk
www.transcendchina.com
JAPAN
E-mail: sales@transcend.co.jp
www.transcend.jp
THE NETHERLANDS
E-mail: sales@transcend.nl
www.transcend.nl
TAIWAN
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C
TEL +886-2-2792-8000
Fax +886-2-2793-2222
E-mail: sales@transcend.com.tw
www.transcend.com.tw
United Kingdom
E-mail: sales@transcend-uk.com
www.transcend-uk.com
TS XXXX DOM 40 X-S
Pin Count:
40 = 40 pin
44 = 44 pin
Capacity:
128M-512M = 128 MB up to 512 MB
1G-8G = 1 GB up to 8 GB
IDE Flash Module
(Disk On Module)
Transcend Product
Type:
V = Vertical
H = Horizontal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com