Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9103EP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9103EP
Description  Three Port Ethernet Switch Controller with PCI Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103EP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9103EP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9103EP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ethernet Switch with two 10/100Mb PHY, one MII/RMII, and PCI bus interface
Support Reverse-MII
PCI bus master architecture
EEPROM interface for power up configurations
Support TCP/UDP/IPv4 checksum offload
Support HP Auto-MDIX
Support IEEE 802.3x Flow Control in Full-duplex mode
Support Back Pressure Flow Control in Half-duplex mode
Per port support 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority
Support 802.1Q VLAN up-to 16 VLAN group
Support VLAN ID tag/un-tag options
Per port support bandwidth, ingress and egress rate control
Support Broadcast Storming filter function
Support Store and Forward switching approach
Support up-to 1K Uni-cast MAC addresses
Automatic aging scheme
Support MIB counters for diagnostic
128-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant
Application
VoIP CPE (ATA, IP Phone)
IP STB
Industrial Control
Ordering Information
Part Number
Pin Count
Package
DM9103EP
128
LQFP (Pb-free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com