Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9301F Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301F Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9301F Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9301F Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
• 100BASE-TX/FX single-chip media converter
• Total bit delay from FX to TX interface is 20 bit times (10 bit times each direction).
• Optional propagate HALT on no Link condition
• Compliant with IEEE802.3u 100BASE-TX standard, Compliant with ANSI X3T12 TP-PMD 1995
standard, Compliant with ANSI X3.166 FDDI-PMD
• Supports Half and Full Duplex operation 100Mbps, the DM9301 operates in Full Duplex mode at all
times
• High performance 100Mbps clock generator and data recovery circuit
• Controlled output edge rates in the 100Base-TX transmitter without the need for an external filter
• LED support for FX Link, TX link, FX receive data, TX receive data, FX code group error and TX
code group error.
• Built in LED test, all LED will light during a reset condition on the DM9301
• Digital clock recovery and regeneration circuit using an advanced digital algorithm to minimize jitter
• Supports diagnostic TX to TX analog loopback and FX to FX analog loopback (Loopback at the
NRZI interface)
• Supports diagnostic TX to TX digital loopback and FX to FX digital loopback (Loopback at the 5B
symbol interface)
• Low-power, high-performance CMOS process Available in a 100 QFP package
Application
1-to-1 100M Fiber converter
Fiber IP STB, IPC, Internet Radio
Ordering Information
Part Number
Pin Count
Package
DM9301F
100
QFP
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com