Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GCF266 Datasheet(PDF) 39 Page - Transcend Information. Inc.

Part # TS2GCF266
Description  266X CompactFlash Card
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF266 Datasheet(HTML) 39 Page - Transcend Information. Inc.

Back Button TS2GCF266 Datasheet HTML 35Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 36Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 37Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 38Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 39Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 40Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 41Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 42Page - Transcend Information. Inc. TS2GCF266 Datasheet HTML 43Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~8
8
8G
G
GC
C
CF
F
F2
2
26
6
66
6
6
266X CompactFlash Card
Transcend Information Inc.
39
I/O Transfer Function
The I/O transfer to or from the CompactFlash Storage or CF+ Card can be either 8 or 16 bits. When a 16 bit
accessible port is addressed, the signal -IOIS16 is asserted by the CompactFlash Storage or CF+ Card.
Otherwise, the -IOIS16 signal is de-asserted. When a 16 bit transfer is attempted, and the -IOIS16 signal is
not asserted by the CompactFlash Storage or CF+ Card, the system shall generate a pair of 8 bit references
to access the word‘s even byte and odd byte. The CompactFlash Storage Card permits both 8 and 16 bit
accesses to all of its I/O addresses, so -IOIS16 is asserted for all addresses to which the CompactFlash
Storage responds. CF+ cards may or may not allow 16 bit register accesses and thus shall assert -IOIS16 as
required. The CompactFlash Storage and CF+ Card may request the host to extend the length of an input
cycle until data is ready by asserting the -WAIT signal at the start of the cycle.
Table : PCMCIA Mode I/O Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com