Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5129F Datasheet(PDF) 1 Page - Cyrustek corporation

Part # ES5129F
Description  4-1/2 digit with LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5129F Datasheet(HTML) 1 Page - Cyrustek corporation

  ES5129F Datasheet HTML 1Page - Cyrustek corporation ES5129F Datasheet HTML 2Page - Cyrustek corporation ES5129F Datasheet HTML 3Page - Cyrustek corporation ES5129F Datasheet HTML 4Page - Cyrustek corporation ES5129F Datasheet HTML 5Page - Cyrustek corporation ES5129F Datasheet HTML 6Page - Cyrustek corporation ES5129F Datasheet HTML 7Page - Cyrustek corporation ES5129F Datasheet HTML 8Page - Cyrustek corporation ES5129F Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
07/03/01
1
ES5129
4-1/2 digit with LCD
Features
• Max. ±19,999 counts
• QFP-44L and DIP-40L package
• Input full scale range: 200mV or 2V
• Built-in multiplexed
LCD display driver
• Underrange/Overrange outputs
• 10µV resolution on 200mV scale
• Display Hold
• Precise 10:1 range select
• True differential input and reference
• Single power supply
• Built-in inverters for RC oscillation circuit
Application
Digital Multi-Meter
Description
ES5129 is a 19,999-count analog-to-digital
converter (ADC) with multiplexed LCD
display driver. It drives 4-1/2 digits, 4 decimal
points, polarity, continuity and low battery
indicator segments. ES5129 requires a typical
9V power supply for ADC operation. And it
generates a COMMON reference for analog
circuit and a DGND reference for digital
circuit and LCD driver circuit. ES5129 has a
±19,999 counts resolution on both 200.00mV
and
2.0000V
ranges.
It
features
high
impedance
inputs,
excellent
differential
linearity, true ratiometric operation and auto
polarity. The only external active component
required is a reference. The underrange and
overrange outputs and the 10:1 range changing
inputs facilitate the design of autoranging
systems. Other features include low battery
detection, continuity check, Display Hold and
controllable decimal points.


Similar Part No. - ES5129F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
3 3/4 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
3 3/4 DIGIT A/D CONVERTER
logo
Ecliptek Corporation
ES5120A-12.800M ECLIPTEK-ES5120A-12.800M Datasheet
95Kb / 4P
4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5120A-12800M ECLIPTEK-ES5120A-12800M Datasheet
95Kb / 4P
4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
3 3/4 DIGIT A/D CONVERTER
More results

Similar Description - ES5129F

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
logo
List of Unclassifed Man...
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
3 1/2 Digit Subminiature LCD Module
DM-4105 ETC1-DM-4105 Datasheet
454Kb / 6P
4-1/2-Digit, Differential LCD Display with Data Outputs
logo
Microchip Technology
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
logo
Cyrustek corporation
ES5128 CYRUSTEK-ES5128 Datasheet
608Kb / 10P
4-1/2 digit with LED
logo
Microchip Technology
TC7129 MICROCHIP-TC7129_13 Datasheet
452Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
logo
LUMEX INC.
LCD-S4X1C35KF LUMEX-LCD-S4X1C35KF Datasheet
60Kb / 1P
0.35 CHARACTER HEIGHT, 4 1/2 DIGIT LCD GALSS
LCD-S4X1C35TF LUMEX-LCD-S4X1C35TF Datasheet
62Kb / 1P
0.35 CHARACTER HEIGHT, 4 1/2 DIGIT LCD GALSS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com