Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM1290REF Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHM1290REF
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290REF Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHM1290REF Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 6Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 7Page - United Monolithic Semiconductors CHM1290REF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHM1290REF
20-30GHz SHP Mixer
Ref. : DSCCHM1290REF2239 -27-Aug.-02
6/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
The RF ports comprise a DC blocking capacitor on chip level. The DC connections
include a first level of DC decoupling capacitors (typically 120pF) in the package.
However, all DC bias ports should be additionally connected to ground with 10nF
capacitors at board level to prevent the MMIC from oscillations. These parts should
be placed close to the SMD leadless package. If the same bias is required at different
DC ports, the lines should only be connected behind these block capacitors.
Further information on the application of the SMD leadless packages for GaAs
monolithic microwave ICs are given in the UMS Application Note AN0005.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com