Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFE370 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CFE370
Description  Fiber Optic AlGaAs IREDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CFE370 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CFE370 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CFE370 Series
Fiber Optic AlGaAs IREDs
Clairex
Technologies, Inc.
April, 2004
features
• High power output
• High speed
• Optimized for fiber-optic
applications
• TO-18 header with plastic lens
• RoHS compliant
description
The CFE370 series contain 850nm
AlGaAs IREDs mounted on TO-18
headers. The devices are designed
to self-align in the 0.228” (5.79mm)
bore of a standard fiber-optic
receptacle. Three crush ribs on the
outside of the case provide press-fit
installation and precise alignment.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -55°C to +115°C
operating temperature.................................................................... -40°C to +100°C
lead soldering temperature
(1) ......................................................................... 260°C
reverse voltage ............................................................................................1.0VDC
continuous forward current
(2) ....................................................................... 100mA
notes:
1.
1/16" (1.6mm) from case for 5 seconds maximum.
2.
Derate linearly 1.07mA/°C from 25°C free air temperature to TA = +100°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C, VCC = 5VDC unless otherwise noted)
symbol parameter
min
typ
max
units
test conditions
PO
CFE370A
Total power output
CFE370B
CFE370C
25
15
5
29
20
10
-
-
-
µW
IF = 100mA
(3)
VF
Forward voltage
-
1.7
2.2
V
IF = 100mA
λP
Peak emission wavelength
-
850
-
nm
IF = 100mA
BW
Spectral bandwidth at half power points
-
35
-
nm
IF = 100mA
tr
Output rise time
-
5.0
8.0
ns
IF = 100mA, 10% - 90%
(4)
tf
Output fall time
-
5.0
10
ns
IF = 100mA, 90% - 10%
(4)
notes: 3. Graded index fiber, 50 µm core, N.A. = 0.20.
4. Prebias at 5mA.
0.100 ± 0.005 (2.54 ± 0.127) long
0.015 ± 0.005 (0.38 ± 0.127) wide
0.006 ± 0.001 (0.152 ± 0.025) thick
0.019–0.016
(0.480-0.404)
0.100
(2.54)
0.040
(1.016)
0.142
(3.607)
(13.97 ± 0.127)
(4.115)
0.220
(5.588)
0.190
(4.826)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
CAUTION: Do not exceed the absolute maximum soldering
temperature and time duration shown in note 1.
Revised 7/6/06


Similar Part No. - CFE370

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
Fiber Optic AlGaAs IRED
logo
Crystek Corporation
CFE3390 CRYSTEKCRYSTAL-CFE3390 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3391 CRYSTEKCRYSTAL-CFE3391 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3392 CRYSTEKCRYSTAL-CFE3392 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
CFE3392-44.736 CRYSTEKCRYSTAL-CFE3392-44.736 Datasheet
111Kb / 1P
9x14 mm SMD, 3.3V, CMOS Clock Oscillator
More results

Similar Description - CFE370

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
Fiber Optic AlGaAs IRED
CLE135 CLAIREX-CLE135 Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
CLE335 CLAIREX-CLE335 Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com