| Electronic Components Datasheet Search |
|
TS2GDOM40V Datasheet(PDF) 49 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GDOM40V Datasheet(HTML) 49 Page - Transcend Information. Inc. |
|
49 / 52 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 40 0 0---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e 1 1 12 2 28 8 8M M MB B B ~ ~ ~ 8 8 8G G GB B B Transcend Information Inc. Ver 1.7 49 Host Terminating an Ultra DMA Data-Out Burst Termination of an Ultra DMA Data-Out burst by the host is shown in below: Ultra DMA Data-Out Burst Host Termination Timing while timing parameters are specified in Page 12: Ultra DMA Data Burst Timing Requirements and timing parameters are described in Page 13: Ultra DMA Data Burst Timing Descriptions. The following steps shall occur in the order they are listed unless otherwise specifically allowed: (a) The host shall initiate termination of an Ultra DMA data burst by not generating HSTROBE edges. (b) The host shall assert STOP no sooner than tSS after it last generated an HSTROBE edge.The host shall not negate STOP again until after the Ultra DMA data burst is terminated. (c) The device shall negate DMARQ within tLI after the host asserts STOP. The device shall not assert DMARQ again until after the Ultra DMA data burst is terminated. (d) The device shall negate -DDMARDY within tLI after the host has negated STOP. The device shall not assert -DDMARDY again until after the Ultra DMA data burst termination is complete. (e) If HSTROBE is negated, the host shall assert HSTROBE within tLI after the device has negated DMARQ. No data shall be transferred during this assertion. The device shall ignore this transition on HSTROBE. HSTROBE shall remain asserted until the Ultra DMA data burst is terminated. (f) The host shall place the result of its CRC calculation on D[15:00] (see ATA specification Ultra DMA CRC Calculation). (g) The host shall negate -DMACK no sooner than tMLI after the host has asserted HSTROBE and STOP and the device has negated DMARQ and -DDMARDY, and no sooner than tDVS after placing the result of its CRC calculation on D[15:00]. (h) The device shall latch the host’s CRC data from D[15:00] on the negating edge of -DMACK. (i) The device shall compare the CRC data received from the host with the results of its own CRC calculation. If a miscompare error occurs during one or more Ultra DMA data bursts for any one command, at the end of the command, the device shall report the first error that occurred (see ATA specification Ultra DMA CRC Calculation). (j) While operating in True IDE mode, the device shall release -DDMARDY within tIORDYZ after the host has negated -DMACK. (k) The host shall neither negate STOP nor negate HSTROBE until at least tACK after negating -DMACK. (l) In True IDE mode, the host shall not assert -IOWR, -CS0, -CS1, nor A[02:00] until at least tACK after negating DMACK.. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |