Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GDOM40V-S Datasheet(PDF) 28 Page - Transcend Information. Inc.

Part # TS2GDOM40V-S
Description  40-Pin IDE Flash Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GDOM40V-S Datasheet(HTML) 28 Page - Transcend Information. Inc.

Back Button TS2GDOM40V-S Datasheet HTML 24Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 25Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 26Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 27Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 28Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 29Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 30Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 31Page - Transcend Information. Inc. TS2GDOM40V-S Datasheet HTML 32Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
28
Host Terminating an Ultra DMA Data-Out Burst
Termination of an Ultra DMA Data-Out burst by the host is shown in below: Ultra DMA Data-Out
Burst Host Termination Timing while timing parameters are specified in Page 12: Ultra DMA Data Burst
Timing Requirements and timing parameters are described in Page 13: Ultra DMA Data Burst Timing
Descriptions.
The following steps shall occur in the order they are listed unless otherwise specifically allowed:
(a) The host shall initiate termination of an Ultra DMA data burst by not generating HSTROBE edges.
(b) The host shall assert STOP no sooner than tSS after it last generated an HSTROBE edge.The host
shall not negate STOP again until after the Ultra DMA data burst is terminated.
(c) The device shall negate DMARQ within tLI after the host asserts STOP. The device shall not assert
DMARQ again until after the Ultra DMA data burst is terminated.
(d) The device shall negate -DDMARDY within tLI after the host has negated STOP. The device shall not
assert -DDMARDY again until after the Ultra DMA data burst termination is complete.
(e) If HSTROBE is negated, the host shall assert HSTROBE within tLI after the device has negated
DMARQ. No data shall be transferred during this assertion. The device shall ignore this transition on
HSTROBE. HSTROBE shall remain asserted until the Ultra DMA data burst is terminated.
(f) The host shall place the result of its CRC calculation on D[15:00] (see ATA specification Ultra DMA
CRC Calculation).
(g) The host shall negate -DMACK no sooner than tMLI after the host has asserted HSTROBE and STOP
and the device has negated DMARQ and -DDMARDY, and no sooner than tDVS after placing the result
of its CRC calculation on D[15:00].
(h) The device shall latch the host’s CRC data from D[15:00] on the negating edge of -DMACK.
(i) The device shall compare the CRC data received from the host with the results of its own CRC
calculation. If a miscompare error occurs during one or more Ultra DMA data bursts for any one
command, at the end of the command, the device shall report the first error that occurred (see ATA
specification Ultra DMA CRC Calculation).
(j) While operating in True IDE mode, the device shall release -DDMARDY within tIORDYZ after the host
has negated -DMACK.
(k) The host shall neither negate STOP nor negate HSTROBE until at least tACK after negating -DMACK.
(l) In True IDE mode, the host shall not assert -IOWR, -CS0, -CS1, nor A[02:00] until at least tACK after
negating DMACK..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com