Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4GDOM40V-S Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS4GDOM40V-S
Description  40-Pin IDE Flash Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GDOM40V-S Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS4GDOM40V-S Datasheet HTML 7Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 8Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 9Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 10Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 11Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 12Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 13Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 14Page - Transcend Information. Inc. TS4GDOM40V-S Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GD
D
DO
O
OM
M
M4
4
40
0
0V
V
V---S
S
S
Transcend Information Inc.
Ver 1.2
11
same agent (either host or device) that drives the data onto the bus. Ownership of D[15:00] and this data
strobe signal are given either to the device during an Ultra DMA data-in burst or to the host for an Ultra
DMA data-out burst.
During an Ultra DMA data burst a sender shall always drive data onto the bus, and, after a sufficient
time to allow for propagation delay, cable settling, and setup time, the sender shall generate a STROBE
edge to latch the data. Both edges of STROBE are used for data transfers so that the frequency of
STROBE is limited to the same frequency as the data.
Words in the IDENTIFY DEVICE data indicate support of the Ultra DMA feature and the Ultra DMA
modes the device is capable of supporting. The Set transfer mode subcommand in the SET FEATURES
command shall be used by a host to select the Ultra DMA mode at which the system operates. The Ultra
DMA mode selected by a host shall be less than or equal to the fastest mode of which the device is
capable. Only one Ultra DMA mode shall be selected at any given time. All timing requirements for a
selected Ultra DMA mode shall be satisfied. Devices supporting any Ultra DMA mode shall also support
all slower Ultra DMA modes.
An Ultra DMA capable device shall retain the previously selected Ultra DMA mode after executing a
software reset sequence or the sequence caused by receipt of a DEVICE RESET command if a SET
FEATURES disable reverting to defaults command has been issued. The device may revert to a
Multiword DMA mode if a SET FEATURES enable reverting to default has been issued. An Ultra DMA
capable device shall clear any previously selected Ultra DMA mode and revert to the default non-Ultra
DMA modes after executing a power-on or hardware reset.
Both the host and device perform a CRC function during an Ultra DMA data burst. At the end of an
Ultra DMA data burst the host sends its CRC data to the device. The device compares its CRC data to
the data sent from the host. If the two values do not match, the device reports an error in the error register.
If an error occurs during one or more Ultra DMA data bursts for any one command, the device shall report
the first error that occurred. If the device detects that a CRC error has occurred before data transfer for
the command is complete, the device may complete the transfer and report the error or abort the
command and report the error.
NOTE
− If a data transfer is terminated before completion, the assertion of INTRQ should be passed
through to the host software driver regardless of whether all data requested by the command has been
transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com