Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE110F Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE110F
Description  Gallium Arsenide IRED Flat Lead PLCC Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE110F Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE110F Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE110F
Gallium Arsenide IRED
Flat Lead PLCC Package
Clairex
Technologies, Inc
.
April, 2003
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• Flat lead PLCC package
• ± 5° emission angle
• 940 nm peak wavelength
• Collimating plastic lens
• Available with flat window
description
The CLE110F infrared emitting
diode features current GaAs/AlGaAs
technology for increased quantum
efficiency. The chip is mounted in a
compact, embedded leadframe
package with flying lead configuration.
The plastic lens provides a narrow
emission pattern. Contact Clairex for
alternative wavelength emitter chips,
different lens and lead configurations.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -40°C to +125°C
operating temperature ................................................................... -40°C to +100°C
lead soldering temperature
(1) ..........................................................................260°C
continuous forward current
(2) .......................................................................... 30mA
peak forward current (1.0ms pulse width, 10% duty cycle).................................. 1A
reverse voltage .................................................................................................... 5V
continuous power dissipation
(3)...................................................................... 75mW
notes:
1.
0.06” (1.5mm) from case for 5 seconds maximum.
2.
Derate linearly 0.32mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 0.80mW/°C from 25°C free air temperature to TA = +100°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
PO
Total power output
2.0
2.5
-
mW
IF = 20mA
VF
Forward voltage
-
-
1.5
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
λp
Peak emission wavelength
-
940
-
nm
IF = 20mA
BW
Spectral bandwidth at half power points
-
50
-
nm
IF = 20mA
θHP
Emission angle at half power points
-
10
-
deg.
IF = 20mA
tr, tf
Radiation rise and fall time
-
700
-
ns
IF(PK) = 20mA
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/15/06


Similar Part No. - CLE110F

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
logo
New Jersey Semi-Conduct...
CLE130 NJSEMI-CLE130 Datasheet
140Kb / 2P
UPGRADED SERIES
logo
Clairex Technologies, I...
CLE130E CLAIREX-CLE130E Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
logo
New Jersey Semi-Conduct...
CLE130E NJSEMI-CLE130E Datasheet
140Kb / 2P
UPGRADED SERIES
logo
Clairex Technologies, I...
CLE130W CLAIREX-CLE130W Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
More results

Similar Description - CLE110F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE250 CLAIREX-CLE250 Datasheet
113Kb / 1P
Aluminum Gallium Arsenide IRED Miniature Hermetic Sealed Package
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE367 CLAIREX-CLE367 Datasheet
98Kb / 1P
High Power Aluminum Gallium Arsenide IRED
CLE445W CLAIREX-CLE445W Datasheet
104Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Hermetic Coaxial Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com