Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE135 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE135
Description  940nm High Efficiency GaAs/AlGaAs IREDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE135 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE135 Datasheet HTML 1Page - Clairex Technologies, Inc CLE135 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE135, CLE130E, CLE130W
940nm High Efficiency
GaAs/AlGaAs IREDs
Clairex
Technologies, Inc.
July, 2005
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
1.00 (25.4) min.
0.019 (0.48)
0.016 (0.41)
0.147 (3.73)
0.137 (3.48)
ANODE
CATHODE
0.010 (0.25) nom
0.213 (5.41)
0.207 (5.26)
0.100 (2.54) pin circle
0.130 (3.30) max
0.050 (1.27) max
0.169 (4.29)
0.163 (4.14)
C5
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
0.010 (0.25) max
CATHODE
ANODE
ALL DIMENSIONS ARE IN
INCHES (MILLIMETERS)
CLE135
CLE130E
CLE130W
REVISED 4/15/06
UPGRADED SERIES


Similar Part No. - CLE135

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CLE135 NJSEMI-CLE135 Datasheet
140Kb / 2P
UPGRADED SERIES
More results

Similar Description - CLE135

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670 AVAGO-ASDL-4670 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4770 AVAGO-ASDL-4770 Datasheet
182Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4772 AVAGO-ASDL-4772 Datasheet
197Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Clairex Technologies, I...
CFE370 CLAIREX-CFE370 Datasheet
107Kb / 1P
Fiber Optic AlGaAs IREDs
CLE335 CLAIREX-CLE335 Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com