Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE250 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE250
Description  Aluminum Gallium Arsenide IRED Miniature Hermetic Sealed Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE250 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE250 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE250
PRELIMINARY
Aluminum Gallium Arsenide IRED
Miniature Hermetic Sealed Package
Clairex
Technologies, Inc.
features
• 880nm wavelength
• ±9° emission angle
• Miniature hermetic package
• High power output
description
The CLE250 is an 880nm, AlGaAs
infrared-emitting diode mounted in a
hermetically sealed package with a
glass lens. This package is
ideally suited for mounting into
double-sided PC boards and is
capable of reliable operation over a
wide temperature range.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ....................................................................... -65°C to +150°C
operating temperature .................................................................... -65°C to +125°C
lead soldering temperature
(1) .......................................................................... 260°C
continuous forward current .............................................................................. 75mA
reverse voltage ..................................................................................................... 5V
continuous power dissipation
(2)..................................................................... 125mW
notes:
1.
5 seconds maximum.
2.
Derate linearly 1.0mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
June, 2006
electrical characteristics (at TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
-
1.5
-
IE
Radiant intensity
CLE250A
CLE250B
-
6.0
-
mW/ sr
IF = 50mA
1.0
-
-
Ee
Irradiance
(3)
CLE250A
CLE250B
3.5
-
-
mW/ cm2
IF = 50mA
λP
Peak emission wavelength
-
880
-
nm
IF = 50mA
BW
Spectral bandwidth at half power points
-
50
-
nm
IF = 50mA
∆λp/∆T
Spectral shift with temperature
-
0.2
-
nm/°C
IF = 50mA
ΘHP
Emission angle at half power points
-
18
-
deg.
IF = 50mA
VF
Forward voltage
-
-
1.8
V
IF = 50mA
IR
Reverse current
-
-
10
µA
VR = 5V
tr, tf
Radiation rise and fall time
-
700
-
ns
IF(PK)=50mA, f=1kHz, D.C.=50%
notes: 3. Irradiance (power/unit area) is measured within a 0.031" (0.78mm) diameter area, centered on the
mechanical axis of the device and spaced 0.50" (12.7mm) from the lens side of the tab. This is geometrically
equivalent to a 3.5° cone.
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
0.139 (3.53)
0.119 (3.02)
0.062 (1.57)
0.057 (1.45)
0.090 (2.29)
0.080 (2.03)
0.007 (0.18)
0.003 (0.08)
0.093 (2.36)
0.083 (2.11)
0.024 (0.61)
0.016 (0.41)
ANODE
CATHODE


Similar Part No. - CLE250

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLE2 CARLOGAVAZZI-CLE2 Datasheet
152Kb / 2P
Conductive Sensors Level Probes
08.04.2011
logo
IXYS Corporation
CLE20E1200PC IXYS-CLE20E1200PC Datasheet
137Kb / 5P
SemiFast Single Thyristor
logo
Inchange Semiconductor ...
CLE20E1200PC ISC-CLE20E1200PC Datasheet
201Kb / 1P
isc Thyristors
logo
List of Unclassifed Man...
CLE230 ETC2-CLE230 Datasheet
111Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
logo
Clairex Technologies, I...
CLE230 CLAIREX-CLE230 Datasheet
115Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
More results

Similar Description - CLE250

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE100F CLAIREX-CLE100F Datasheet
103Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE110F CLAIREX-CLE110F Datasheet
104Kb / 1P
Gallium Arsenide IRED Flat Lead PLCC Package
CLE234E CLAIREX-CLE234E Datasheet
103Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE300F CLAIREX-CLE300F Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Flat Lead PLCC Package
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE334E CLAIREX-CLE334E Datasheet
105Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad Chip IRED Array
CLE334W CLAIREX-CLE334W Datasheet
106Kb / 1P
Very High Output Aluminum Gallium Arsenide Quad chip IRED Array
CLE367 CLAIREX-CLE367 Datasheet
98Kb / 1P
High Power Aluminum Gallium Arsenide IRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com