Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE332 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE332
Description  850nm Point Source Emitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE332 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE332 Datasheet HTML 1Page - Clairex Technologies, Inc CLE332 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE332 Series
850nm Point Source Emitters
Clairex
Technologies, Inc.
February, 2005
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
ANODE
CATHODE
0.050 (1.27) nom
1.00 (25.4) min.
0.019 (0.48)
0.016 (0.41)
0.147 (3.73)
0.137 (3.48)
0.010 (0.25) nom
0.213 (5.41)
0.207 (5.26)
0.130 (3.30) max
0.100 (2.54) pin circle
0.050 (1.27) max
CATHODE
ANODE
0.169 (4.29)
0.163 (4.14)
C6
0.147 (3.73)
0.137 (3.48)
CATHODE
ANODE
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.100 (2.54) dia.
0.165 (4.19)
0.145 (3.68)
0.025 (0.64) max.
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
0.010 (0.25) max
0.136 (3.45)
0.156 (3.96)
ALL DIMENSIONS ARE IN
INCHES (MILLIMETERS)
CLE332
CLE332E
CLE332W
Revised 3/15/06


Similar Part No. - CLE332

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE330E CLAIREX-CLE330E Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
CLE330W CLAIREX-CLE330W Datasheet
152Kb / 3P
850nm Super Efficient AlGaAs IREDs
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
AlGaAs Point Source IRED Collimating Lens
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
More results

Similar Description - CLE332

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4088P MARKTECH-MTE4088P Datasheet
60Kb / 2P
Point Source LED
MTPS4088W MARKTECH-MTPS4088W Datasheet
61Kb / 2P
Point Source LED
MTPS4088WG MARKTECH-MTPS4088WG Datasheet
108Kb / 2P
Point Source Emitter
MTPS9087W MARKTECH-MTPS9087W Datasheet
61Kb / 2P
Point Source LED
logo
Clairex Technologies, I...
CLE333 CLAIREX-CLE333 Datasheet
105Kb / 1P
850nm Point Source Emitter Collimated Radiation
logo
Marktech Corporate
MTPS8085N MARKTECH-MTPS8085N Datasheet
80Kb / 1P
Point Source LED
MTPS8085W MARKTECH-MTPS8085W Datasheet
102Kb / 1P
Point Source LED
MTPS9067WC MARKTECH-MTPS9067WC Datasheet
576Kb / 1P
Point Source LED
POINT-SOURCE MARKTECH-POINT-SOURCE Datasheet
191Kb / 2P
Point Source Emitters
POINT-SOURCE MARKTECH-POINT-SOURCE_15 Datasheet
191Kb / 2P
Point Source Emitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com