Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE435 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE435
Description  Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE435 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE435 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE435
Red LED, Aluminum Gallium Arsenide
Dome Lens Can, Hermetically Sealed
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
ANODE
CATHODE
0.050 (1.27) nom
Case 4
Clairex
Technologies, Inc.
March, 2001
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• 660nm wavelength
• TO-46 hermetic package
• narrow collimated beam
•
RoHS compliant
description
The CLE435 is an advanced,
high-efficiency, high speed, AlGaAs
light emitting diode. The TO-46
header provides the thermal
environment for reliable operation
over an extremely wide temperature
range. The lens is designed to
provide a highly collimated radiation
pattern from 0.10" to 0.20" from the
lens tip. Call Clairex for applications
assistance.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature........................................................................ -65°C to +150°C
operating temperature .................................................................... -65°C to +125°C
lead soldering temperature
(1) .......................................................................... 260°C
continuous forward current
(2) ........................................................................... 60mA
peak forward current(1.0ms pulse width, 10% duty cycle).................................... 1A
reverse voltage ..................................................................................................... 5V
continuous power dissipation
(3)..................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.48mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
IV
Luminous intensity
-
300
-
mcd
IF = 20mA
ΦV
Luminous flux
-
35
-
mlm
IF = 20mA
VF
Forward voltage
-
1.8
2.1
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5V
λP
Peak emission wavelength
650
660
670
nm
IF = 20mA
ΘHP
Emission angle at half power points
-
22
-
deg.
IF = 20mA
tr, tf
Radiation rise and fall time
-
40
-
ns
IF(PK) = 100mA, f = 1kHz,
Duty Cycle = 50%
Revised 10/20/06


Similar Part No. - CLE435

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE435W ETC-CLE435W Datasheet
109Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435W CLAIREX-CLE435W Datasheet
113Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
More results

Similar Description - CLE435

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435 ETC-CLE435 Datasheet
111Kb / 1P
Red LED, Aluminum Gallium Arsenide Dome Lens Can, Hermetically Sealed
CLE435W ETC-CLE435W Datasheet
109Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE535 ETC-CLE535 Datasheet
108Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 ETC-CLE536 Datasheet
108Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 ETC-CLE539 Datasheet
108Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435W CLAIREX-CLE435W Datasheet
113Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE436 CLAIREX-CLE436 Datasheet
113Kb / 1P
High Power Red LED - Minimal Infrared Content Dome Lens Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536 CLAIREX-CLE536 Datasheet
112Kb / 1P
High Power Blue LED Dome Lens Can, Hermetically Sealed
CLE539 CLAIREX-CLE539 Datasheet
112Kb / 1P
High Power GaN White LED Dome Lens Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com