Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLI710 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLI710
Description  IRED - Phototransistor Reflective Object Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLI710 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLI710 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLI710
IRED – Phototransistor
Reflective Object Sensor
Clairex
Technologies, Inc.
March, 2002
features
• 0.020” dia. light pipe aperture
• T0-72 package
• analog output
description
The CLI710 consists of an 880nm
AlGaAs IRED and a phototransistor
mounted on a custom TO-72 header.
The IRED emits a broad radiation
pattern through the formed clear
epoxy lens. Radiation reflected
from the target is received by a
0.020” diameter fiber optic light pipe
attached to the active area of the
phototransistor. For assistance or
other configurations, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ........................................................................ -40°C to +125°C
operating temperature ..................................................................... -40°C to +100°C
lead soldering temperature
(1) ........................................................................... 260°C
IRED
continuous forward DC current
(2) ......................................................................35mA
reverse DC voltage................................................................................................5V
continuous power dissipation
(3)......................................................................100mW
PHOTOTRANSISTOR
collector-emitter voltage ......................................................................................30V
emitter-collector voltage ........................................................................................5V
continuous power dissipation
(4)......................................................................100mW
note:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.37mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 1.07mW/°C from 25°C free air temperature to TA = +100°C.
4.
Derate linearly 1.07mW/°C from 25°C free air temperature to TA = +100°C.
®
electrical characteristics (TA = 25°C and VCC = 5.0V unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
Input IRED
VF
Forward voltage
-
1.50
1.65
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5V
Output Phototransistor
V(BR)CEO
Collector-emitter breakdown voltage
30
-
-
V
IC = 1mA, IF = 0, Ee = 0
V(BR)ECO
Emitter-collector breakdown voltage
5.0
-
-
V
IE = 100µA, IF = 0, Ee = 0
ID
Dark current
-
-
20
nA
VCE = 10V, IF = 0, Ee = 0
Coupled
IL
Light current(4)
150
250
-
µA
VCE = 5V, IF = 20mA, d = 0.030”
ICX (ratio)
Crosstalk ratio(5)
3
10
-
VCE = 5V, IF = 20mA
notes:
4. Measured using a Kodak 90% diffuse reflectance neutral white test card.
5. No reflective surface. ICX(ratio) = IL(µA)/ICX(µA).
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
0.175 (4.46)
0.500(12.7) min.
0.165 (4.21)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
1
2
3
2. Anode
3. Output
4. Ground
1. Vcc
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
0.021 (0.53) Dia
0.017 (0.43) 3 Places
0.100 Dia
0.160 (4.08) Emitting Window
0.150 (3.81)
Diameter
0.020 (0.50) Diameter
Detection Area
1
2
3
4
ALL DIMENSIONS
ARE IN INCHES
(MILLIMETERS)
4
Revised 3/16/06
Cathode
Emitter
Collector
2
1
4
3
Internally
connected
to header


Similar Part No. - CLI710

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLI700 CLAIREX-CLI700 Datasheet
109Kb / 1P
IRED - Photo-IC Reflective Object Sensor
More results

Similar Description - CLI710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRB1113 FAIRCHILD-QRB1113 Datasheet
314Kb / 4P
PHOTOTRANSISTOR REFLECTIVE OBJECT SENSOR
QRB1133 FAIRCHILD-QRB1133 Datasheet
47Kb / 4P
PHOTOTRANSISTOR REFLECTIVE OBJECT SENSORS
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Clairex Technologies, I...
CLI700 CLAIREX-CLI700 Datasheet
109Kb / 1P
IRED - Photo-IC Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com