Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS24MP320 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS24MP320
Description  2GB/4GB USB Flash Drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS24MP320 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS24MP320 Datasheet HTML 1Page - Transcend Information. Inc. TS24MP320 Datasheet HTML 2Page - Transcend Information. Inc. TS24MP320 Datasheet HTML 3Page - Transcend Information. Inc. TS24MP320 Datasheet HTML 4Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS2G/4GMP320
Description
TS2G/4GMP320 is a 2GB/4GB USB
Flash Drive with 1 pcs of 2Gx8/4Gx8
Flash Memory assembled on the printed
circuit board. It combines a USB Flash
Drive with an MP3 player, AB repeater,
voice recorder and an FM radio.
Outline
Dimensions
Side
Millimeters
A
85.50 ± 0.20
B
25.50 ± 0.20
C
13.00 ± 0.20
Features
MP3 Player – supports MP3, WMA,
WMA-DRM10 (subscription music)
and WAV music formats
FM Radio (FM Radio recording and
the ability to preset 20 FM radio
stations)
Advanced Digital Voice Recorder
Karaoke-style lyrics display
Brilliant, dual-color 4-Line OLED
Display produces vibrant clear text
easily viewed at any angle and in
any light
A
VAD (Voice Activity Detection) for
high
quality
gapless
audio
recordings
A-B repeat function allows you to
continuously replay a designated
section of a track
B
Variable track playback speeds
Supports 13 languages including
song title, artist name and lyrics
display
C
USB flash drive capabilities for data
transfer and storage
Included software can be used to
lock
your
computer
and
password-protect your files
7 Equalizer effects, including a
customizable USER EQ setting
Powered using a rechargeable
Li-ion battery (fully charged battery
supports
over
15
hours
of
continuous operation)*


Similar Part No. - TS24MP320

ManufacturerPart #DatasheetDescription
logo
ABB
TS24 ABB-TS24 Datasheet
781Kb / 5P
TS24/8-12-24 Non-inherently short-circuit proof bell transformer
11/29/2019
TS24/4-8-12 ABB-TS24/4-8-12 Datasheet
784Kb / 5P
TS24/4-8-12 Non-inherently short-circuit proof bell transformer
11/29/2019
TS24/8-12-24 ABB-TS24/8-12-24 Datasheet
781Kb / 5P
TS24/8-12-24 Non-inherently short-circuit proof bell transformer
11/29/2019
logo
Pan Jit International I...
TS240S PANJIT-TS240S Datasheet
110Kb / 5P
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
logo
Zibo Seno Electronic En...
TS240S ZSELEC-TS240S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - TS24MP320

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
4GB/8GB USB Flash Drive
TS1GMP630 TRANSCEND-TS1GMP630 Datasheet
67Kb / 4P
1GB/2GB/4GB USB Flash Drive
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
4GB/8GB USB Flash Drive
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
2GB/4GB/8G USB Flash Drive
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
2GB/4GB/8G USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
2GB/4GB USB Flash Drive
logo
Apacer Technology Inc.
UM120-UFD5 APACER-UM120-UFD5 Datasheet
924Kb / 4P
USB flash drive
UH110-UFD4 APACER-UH110-UFD4 Datasheet
1Mb / 4P
USB flash drive
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S28HS02GT INFINEON-S28HS02GT Datasheet
164Kb / 12P
2Gb/4Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-34695 Rev. **
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com