Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND2050-DAF/20 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CND2050-DAF/20
Description  0.5-11.5 GHz Divide by 4 Static Prescaler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2050-DAF/20 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CND2050-DAF/20 Datasheet HTML 1Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 2Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 3Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 4Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 5Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 6Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 7Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 8Page - United Monolithic Semiconductors CND2050-DAF/20 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CND2050
0.5-11.5 GHz Divide by 4 prescaler
Ref. : DSCND20500257 -13-Sep.-00
6/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Characteristics (3)
Output power versus frequency
Bias current versus Vdd
Tamb= 25°C, Zo=50
Ω, Vdd=5V or 3.3V ; Vss = 0 ; differential inputs or single input
SSB Phase noise versus Offset Frequency (Fin=4GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Offset frequency (Hz)
20
30
40
50
60
3
4
5
6
Vdd (V)
-10
-8
-6
-4
-2
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F (GHz)
Vdd=5V
Vdd=3,3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com