| Electronic Components Datasheet Search |
|
TS1GDOM44H-S Datasheet(PDF) 22 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS1GDOM44H-S Datasheet(HTML) 22 Page - Transcend Information. Inc. |
|
22 / 34 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 44 4 4---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 4 4 4G G GD D DO O OM M M4 4 44 4 4H H H---S S S Transcend Information Inc. Ver 1.0 22 Initiating an Ultra DMA Data-Out Burst An Ultra DMA Data-out burst is initiated by following the steps lettered below. The timing diagram is shown in below: Ultra DMA Data-Out Burst Initiation Timing. The timing parameters are specified in Page 12: Ultra DMA Data Burst Timing Requirements and are described in Page 13:Ultra DMA Data Burst Timing Descriptions. The following steps shall occur in the order they are listed unless otherwise specifically allowed: (a) The host shall keep -DMACK in the negated state before an Ultra DMA data burst is initiated. (b) The device shall assert DMARQ to initiate an Ultra DMA data burst. (c) Steps (c), (d), and (e) may occur in any order or at the same time. The host shall assert STOP. (d) The host shall assert HSTROBE. (e) In True IDE mode, the host shall not assert -CS0, -CS1, nor A[02:00]. (f) Steps (c), (d), and (e) shall have occurred at least tACK before the host asserts -DMACK.The host shall keep -DMACK asserted until the end of an Ultra DMA data burst. (g) The device may negate -DDMARDY tZIORDY after the host has asserted -DMACK. While operating in True IDE mode, once the device has negated -DDMARDY, the device shall not release -DDMARDY until after the host has negated DMACK at the end of an Ultra DMA data burst. (h) The host shall negate STOP within tENV after asserting -DMACK. The host shall not assert STOP until after the first negation of HSTROBE. (i) The device shall assert -DDMARDY within tLI after the host has negated STOP. After asserting DMARQ and -DDMARDY the device shall not negate either signal until after the first negation of HSTROBE by the host. (j) The host shall drive the first word of the data transfer onto D[15:00]. This step may occur any time during Ultra DMA data burst initiation. (k) To transfer the first word of data: the host shall negate HSTROBE no sooner than tUI after the device has asserted -DDMARDY. The host shall negate HSTROBE no sooner than tDVS after the driving the first word of data onto D[15:00]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |