Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND2047-DAF/20 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CND2047-DAF/20
Description  10GHz Frequency Divider by 4 Fixed Modulus Prescaler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2047-DAF/20 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CND2047-DAF/20 Datasheet HTML 2Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 3Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 4Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 5Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 6Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 7Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 8Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 9Page - United Monolithic Semiconductors CND2047-DAF/20 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CND2047
10GHz Frequency Divider by 4
Ref. : DSCND20470077 -17-Mar-00
6/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Fmax vs Vdd (Pin=0dBm; differential inputs)
0
2
4
6
8
10
12
2
2,5
3
3,5
4
4,5
5
5,5
6
Vdd (Volts)
SOIC8
FTP8
FTP8 package / Die form
Input sensitivity vs. Input frequency and temperature (Vdd=5V; differential
inputs)
-55
-45
-35
-25
-15
-5
5
15
1,00
3,00
5,00
7,00
9,00
11,00
Frequency (GHz)
+25°C
+125°C
-55°C
SOIC8 package
Input sensitivity vs. Input frequency and temperature (Vdd=5V; differential
inputs)
-55,00
-45,00
-35,00
-25,00
-15,00
-5,00
5,00
15,00
1,00
3,00
5,00
7,00
9,00
11,00
Frequency (GHz)
+80
+25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com