Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512MSDC Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS512MSDC
Description  Secure Digital Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDC Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS512MSDC Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDC Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DC
C
C
Secure Digital Card
Transcend Information Inc.
3
Bus Operating Conditions
• General
Parameter
Symbol
Min.
Max.
Unit
Remark
Peak voltage on all lines
-0.3
VDD+0.3
V
All Inputs
Input Leakage Current
-10
10
µA
All Outputs
Output Leakage Current
-10
10
µA
• Power Supply Voltage
Parameter
Symbol
Min.
Max.
Unit
Remark
Supply voltage
VDD
2.0
3.6
V
CMD0, 15,55,ACMD41
commands
Supply voltage specified in OCR register
2.7
3.6
V
Except CMD0, 15,55,
ACMD41 commands
Supply voltage differentials (VSS1, VSS2)
-0.3
0.3
V
Power up time
250
ms
From 0v to VDD Min.
Note. The current consumption of any card during the power-up procedure must not exceed 10 mA.
• Bus Signal Line Load
The total capacitance CL the CLK line of the SD Memory Card bus is the sum of the bus master capacitance CHOST, the bus
capacitance CBUS itself and the capacitance CCARD of each card connected to this line:
CL = CHOST + CBUS + Ν*CCARD
Where N is the number of connected cards. Requiring the sum of the host and bus capacitances not to exceed 30 pF for
up to 10 cards, and 40 pF for up to 30 cards, the following values must not be exceeded:
Parameter
Symbol
Min.
Max.
Unit
Remark
Bus signal line capacitance
CL
100
pF
fPP ≤ 20 MHz, 7 cards
Single card capacitance
CCARD
10
pF
Maximum signal line inductance
16
nH
fPP ≤ 20 MHz
Pull-up resistance inside card (pin1)
RDAT3
10
90
k
Ω
May be used for card
detection
Note that the total capacitance of CMD and DAT lines will be consist of CHOST, CBUS and one CCARD only since they are
connected separately to the SD Memory Card host.
Parameter
Symbol
Min.
Max.
Unit
Remark
Pull-up resistance
RCMD, RDAT
10
100
k
Ω
To prevent bus floating
Bus signal line capacitance
CL
250
pF
fPP ≤ 5 MHz, 21 cards



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com