Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GCF133 Datasheet(PDF) 55 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 55 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 51Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 58Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 59Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
55
Execute Drive Diagnostic - 90h
When the diagnostic command is issued in a PCMCIA configuration mode, this command runs only on the
CompactFlash Storage Card that is addressed by the Drive/Head register. This is because PCMCIA card interface
does not allows for direct inter-drive communication (such as the ATA PDIAG and DASP signals). When the
diagnostic command is issued in the True IDE Mode, the Drive bit is ignored and the diagnostic command is
executed by both the Master and the Slave with the Master responding with status for both devices.
Diagnostic Codes are returned in the Error Register at the end of the command.
Erase Sector(s) - C0h
This command is used to pre-erase and condition data sectors in advance of a Write without Erase or Write
Multiple without Erase command. There is no data transfer associated with this command but a Write Fault error
status can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com