Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8GCF600 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS8GCF600 Datasheet HTML 1Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 2Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 3Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 4Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 5Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 6Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 7Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 8Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
1
Description
Dedicated to fulfilling the demanding requirements of
performance-conscious
photographers,
Transcend
proudly releases its Extreme Plus 600X CompactFlash
cards with Turbo MLC technology. With its amazing
performance, the Transcend 600x CompactFlash
memory card allows the professional photographers
and enthusiasts to get the most from your digital single
lens reflex (DSLR) camera. Users are guaranteed to
makes consecutive shooting and non-stop video
recording and share their digital artwork with the world!
Placement
Dimensions
Features
• CompactFlash Specification Version 4.1 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V±5% or 5V±10%
• Operating Temperature: -25
oC to 85oC
• Storage Temperature: -40
oC to 85oC
• Operating/ Storage Humidity: 5% to 95%
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports:
Ultra DMA Mode 0 to Ultra DMA Mode 6 (Ultra DMA
mode 5/6 must supply with 3.3V)
MultiWord DMA Mode 0 to MultiWord DMA Mode 4
PIO Mode 0 to PIO Mode 6
• PC Card Mode supports up to Ultra DMA Mode 6
• True IDE mode: Fixed Disk (Default)
• PC Card Mode: Removable Disk (Default)
• Durability of Connector: 10,000 times
• Built-in 15 bit ECC (Error Correction Code) functionality
• Support Global Wear-Leveling to extend product life
• Compliant to CompactFlash, PC Card Mode, and ATA
standards
Power Consumption
* Maximum value
Product
TS8GCF600 TS16GCF600
Standby
2.4mA
2.5mA
Read
222.8mA
232.8mA
Power
Consumption
(DC 3.3V @25
℃)
Write
218.1mA
211.5mA


Similar Part No. - TS8GCF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
Industrial CF Card
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF133 TRANSCEND-TS8GCF133 Datasheet
3Mb / 81P
133X CompactFlash Card
TS8GCF200I TRANSCEND-TS8GCF200I Datasheet
1Mb / 87P
TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Similar Description - TS8GCF600

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100 SST-SST55LC100 Datasheet
759Kb / 80P
CompactFlash Card Controller
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
2004-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com