Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS128MSDOM22V Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS128MSDOM22V
Description  22P Vertical Type SATA Flash Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MSDOM22V Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS128MSDOM22V Datasheet HTML 3Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 4Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 5Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 6Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 7Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 8Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 9Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 10Page - Transcend Information. Inc. TS128MSDOM22V Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M---8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2V
V
V
22P Vertical Type
SATA Flash Modules
Transcend Information Inc.
V1.4
11
Ordering Information
Ordering Information
Ordering Information
Ordering Information
1. The above technical information is based on industry standard data and has been tested to be reliable. However,
Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection
with the use of this product. Transcend reserves the right to make changes to the specifications at any time without
prior notice.
2. For specific capacity, performance, and reliability requirement, please contact with sales.
USA
Los Angeles:
E-mail: sales@transcendusa.com
Maryland:
E-mail: sales_md@transcendusa.com
www.transcendusa.com
CHINA
E-mail: sales@transcendchina.com
www.transcendchina.com
GERMANY
E-mail: vertrieb@transcend.de
www.transcend.de
HONG KONG
E-mail: sales@transcend.com.hk
www.transcendchina.com
JAPAN
E-mail: sales@transcend.co.jp
www.transcend.jp
THE NETHERLANDS
E-mail: sales@transcend.nl
www.transcend.nl
United Kingdom
E-mail: sales@transcend-uk.com
www.transcend-uk.com
TAIWAN
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C
TEL +886-2-2792-8000
Fax +886-2-2793-2222
E-mail: sales@transcend.com.tw
www.transcend.com.tw
Korea
E-mail: sales@transcend.co.kr
www.transcend.co.kr
TS XG SDOM XX
Capacity:
128M-8G
SATA Flash Module
Transcend Product
Connector type
7H = 7pin SATA horizontal
22V = 22pin SATA vertical
22H = 22pin SATA
horizontal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com