Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-RDP5 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS-RDP5
Description  USB2.0 Compact Card Reader
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS-RDP5 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS-RDP5 Datasheet HTML 1Page - Transcend Information. Inc. TS-RDP5 Datasheet HTML 2Page - Transcend Information. Inc. TS-RDP5 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
T
TS
S
S---R
R
RD
D
DP
P
P5
5
5
USB2.0 Compact Card Reader
Transcend Information, Inc.
2
Pinouts
Pin No.
Pin Name
01
VUSB
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal:
The pairs are used to transmit
Data/Address/Command
VSS
Ground
VUSB
USB Power Input
Block Diagram
USB
Port
SD/MMC slot
MicroSD/M2 slot
12MHz
Crystal
VUSB
3.3V/1.8V
Voltage
Regulator
Controller
VDD18
VOUT
VD33P
VDDHM
VIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com