Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-RDP6 Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS-RDP6
Description  USB2.0 Compact Card Reader
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS-RDP6 Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS-RDP6 Datasheet HTML 1Page - Transcend Information. Inc. TS-RDP6 Datasheet HTML 2Page - Transcend Information. Inc. TS-RDP6 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S---R
R
RD
D
DP
P
P6
6
6
USB2.0 Compact Card Reader
Transcend Information, Inc.
3
Recommended Operating Conditions:
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VUSB
Power Supply
4.5
5.0
5.5
V
TOPR
Operating Temperature
0
70
OC
DC Characteristics:
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDDHM
Input Voltage
3.0
3.3
3.6
V
VIN
Input Signal Voltage
-0.3
VDDHM+0.3
V
VOUT
Output Voltage
3.0
3.3
3.6
V
VDD18
Supply Voltage
1.62
1.8
1.98
V
DC Electrical Characteristics of 3.3V I/O:
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VD33P
Supply Voltage
3.15
3.3
3.6
V
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com