Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GPF720W Datasheet(PDF) 5 Page - Transcend Information. Inc.

Part # TS2GPF720W
Description  T.photo??720
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF720W Datasheet(HTML) 5 Page - Transcend Information. Inc.

  TS2GPF720W Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 3Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 4Page - Transcend Information. Inc. TS2GPF720W Datasheet HTML 5Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
72
2
20
0
0K
K
K(((E
E
EU
U
U)))///W
W
W(((E
E
EU
U
U)))
T.photo™ 720
Transcend Information Inc.
5
DC Characteristics
Paremeter
Description
Min.
Typ.
Max.
Units
VDDIO
DC Supply for 3.3V I/O
3.15
3.45
V
VDDL
DC Supply for 1.8V Digital logic
1.7
1.9
V
VIH
Input High Voltage
2
VDD+0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
VOH
Output High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
Vin_lradc
LRADC input voltage range
0
1.6
V
Idd_PLL
PLL dynamic current
3
mA
Ipd_PLL
PLL power down current
20
uA
Fin_PLL
PLL input frequency
12
MHz
Toper
Operating Temperature
0
40
C
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes
no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this
product. Transcend reserves the right to make changes in specifications at any time without prior notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com