Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2076CM Datasheet(PDF) 2 Page - UNISEM

Part # US2076CM
Description  PWM SWITCHER CONTROLLER & 7.5A ADJUSTABLE LOW DROPOUT REGULATOR COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US2076CM Datasheet(HTML) 2 Page - UNISEM

  US2076CM Datasheet HTML 1Page - UNISEM US2076CM Datasheet HTML 2Page - UNISEM US2076CM Datasheet HTML 3Page - UNISEM US2076CM Datasheet HTML 4Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US2076
4-2
Rev. 1.3
4/26/98
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
12V Supply Voltage ............................................................. 14V
Vin Supply Voltage ..............................................................
7V
LDO Power Dissipation ....................................
Internally Limited
FB Pin Voltage........................................................
-0.3V to 5V
Storage Temperature Range .................................
-65 TO 150
°C
Operating Junction Temperature ............................... 0 TO 150
°C
PACKAGE INFORMATION
PACKAGE INFORMATION
7 PIN PLASTIC TO220 (T)
7 PIN PLASTIC TO263 (M)
θJT=2.7°C/W θJA=60°C/W
θJA=35°C/W for 1" Square pad
LDO Section
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
F.B Voltage Initial Accuracy
Vfb2
Tj=25
°C
1.237
1.250
1.262
V
F.B Voltage Total Variation
Vfb2
1.225
1.250
1.275
V
F.B Input Bias Current
Ifb2
Vfb2=1.25V
-1
+1
uA
Dropout Voltage (note 2)
Vout=1.25V, Io=7.5A
1.1
V
Line Regulation
Vout=1.25V,Io=10mA, 3<Vin<6V
0.2
%
Load Regulation (note 1)
Vout=1.25V, 10mA<Io<7.5A
0.5
%
Thermal Regulation
30 mS Pulse
0.01
%/W
Minimum Load Current (note 3)
10
mA
Ripple Rejection
f=120HZ ,Co=25uF Tan,Io=1A
70
dB
V12 Supply Current
Icc2
Vfb2=1V, Vfb1=1.5V, Io=7.5A
75
mA
Switching Controller Section
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
F.B Voltage Initial Accuracy
Vfb1
Tj=25
°C
1.237
1.250
1.262
V
F.B Voltage Total Variation
Vfb1
1.225
1.250
1.275
V
F.B Input Bias Current
Ifb1
Vfb1=1.25V
-1
+1
uA
Min On Time
Vfb1 is sq wave with 300 ns on
800
nS
time and 2 uS off time
Min Off Time
Vfb1 is sq wave with 300 ns off
800
nS
time and 2 uS on time
V12 Supply Current
Icc1
Vfb1=1V, Vfb2=1.5V
10
mA
Maximum Duty Cycle
Dmax
Vfb1=1V
100
%
Minimum Duty Cycle
Dmin
Vfb1=1.5V
0
%
Gate Drive Rise/Fall Time
Vgate
Load=IRL3303
70
nS
F.B Hysterises
12
mV
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Unless otherwise specified the following specification applies over,Vin=5V,V12=12V,and Tj=0 to 125
°C.Low duty
cycle pulse testing are used which keeps junction and case temperatures equal to the ambient temperature.
FRONT VIEW
1
2
3
4
5
6
7
Drv
V12
Vfb1
Gnd
Vfb2
Vout
Vin
FRONT VIEW
1
2
3
4
5
6
7
Drv
V12
Vfb1
Gnd
Vfb2
Vout
Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com