Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSM1050 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLSM1050
Description  TOSHIBA LED Lamp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1050 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLSM1050 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 9Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 10Page - Toshiba Semiconductor TLSM1050 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1050(T20)
2009-07-09
7
TLOM1050
30
°
0
°
60
°
90°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
° 10°
Ta = 25°C
Radiation pattern
Case temperature Tc (°C)
IV – Tc
0.1
−40
1
10
−20
0
20
40
60
80
100
0.3
0.5
3
5
Forward voltage VF (V)
IF – VF
1
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3
10
30
100
Ta
= 25°C
Forward current IF
(mA)
IV – IF
10
1
10
100
1000
100
300
30
3000
3
30
Ta
= 25°C
0.4
0
540
580
600
620
660
0.2
0.4
0.6
0.8
1.0
560
640
IF = 20 mA
Ta
= 25°C
Wavelength
λ (nm)
Wavelength characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com