Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSM1052 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSM1052
Description  TOSHIBA LED Lamp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1052 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSM1052 Datasheet HTML 1Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 2Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 3Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1052 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
1
TOSHIBA LED Lamp
TLRM1052(T20),TLRMM1052(T20),TLSM1052(T20),
TLOM1052(T20),TLYM1052(T20)
Panel Circuit Indicator
• 5.2 (L) × 5.2 (W) × 4.0 (H) mm
• φ3.6×4.4 mm transparent lens top type
• InGaAℓP LEDs
• High luminous intensity and low power consumption.
• Color : red, orange, yellow
• High operating temperature
Topr : −40 to 100°C / Tstg: −40 to 110°C
• Surface-mount devices
• Standard embossed tape packing
8-mm component pitch: T20 (400 pcs/reel)
• Reflow-soldering is available
• Applications: amusement, message signboards, automotive interiors and
exteriors, etc.
Color and Material
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-5AX1
Weight : 0.088 g (typ.)
Part Number
Color
Material
TLRM1052
Red
TLRMM1052
Red
TLSM1052
Red
TLOM1052
Orange
TLYM1052
Yellow
InGaAℓP
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
Optoelectronics
Marktech


Similar Part No. - TLSM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSM1050 TOSHIBA-TLSM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
More results

Similar Description - TLSM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
TOSHIBA LED LAMP
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
TOSHIBA LED Lamp
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
logo
Marktech Corporate
TLRMH265P MARKTECH-TLRMH265P Datasheet
143Kb / 3P
TOSHIBA LED LAMP InGaA RED LIGHT EMISSION
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com