Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSMA5819 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSMA5819
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA5819 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMA5819 Datasheet HTML 1Page - Cystech Electonics Corp. CSMA5819 Datasheet HTML 2Page - Cystech Electonics Corp. CSMA5819 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C331SA
Issued Date : 2003.04.10
Revised Date :
Page No. : 1/3
CSMA581XSA
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
CSMA581XSA Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: SMA/DO-214AC molded plastic.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.05 gram, 0.0015 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
CSMA
5817
CSMA
5818
CSMA
5819
Parameter
Conditions
Symbol
min
typ
max
Units
Repetitive peak reverse
voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
Maximum DC blocking
voltage
VR
20
30
40
V
Maximum instantaneous
forward voltage
IF=3A (Note 1)
VF
0.475 0.500 0.525
V
Maximum average forward
rectified current
IO
1
A
Peak forward surge current
8.3ms single half sine wave superimposed
on rated load(JEDEC method)
IFSM
30
A
VR=VRRM,TA=25℃(Note 1)
0.5
mA
Maximum DC reverse
current
VR=VRRM,TA=100℃(Note 1)
IR
10
mA
Maximum thermal
resistance
Junction to ambient(Note 2)
Rth,JA
80
℃
/w
Diode junction capacitance
f=1MHz and applied 4V reverse voltage
CJ
130
pF
Storage temperature
Tstg
-55~+150
℃
Operating temperature
TJ
-55~+125
℃
Notes: 1.Pulse test, pulse width=300μsec, 2% duty cycle
2.Mounted on PCB with 5.0mm² (0.013mm thickness) copper pad area.


Similar Part No. - CSMA5819

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA5820 CYSTEKEC-CSMA5820 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA5821 CYSTEKEC-CSMA5821 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA5822 CYSTEKEC-CSMA5822 Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSMA5819

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK14SB CYSTEKEC-SK14SB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com