Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSOD160 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSOD160
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD160 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSOD160 Datasheet HTML 1Page - Cystech Electonics Corp. CSOD160 Datasheet HTML 2Page - Cystech Electonics Corp. CSOD160 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C338SF
Issued Date : 2003.06.16
Revised Date :
Page No. : 1/3
CSOD120-1100SF
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120-1100SF Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, JEDEC SOD-123/Mini SMA.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.04 gram
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol CSOD
120
CSOD
130
CSOD
140
CSOD
150
CSOD
160
CSOD
180
CSOD
1100
Units
Repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VR
20
30
40
50
60
80
100
V
Maximum instantaneous
forward voltage, IF=1A (Note 1)
VF
0.5
0.5
0.5
0.7
0.7
0.85
0.85
V
Average forward rectified current
IO
1
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
30
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
0.5
10
mA
mA
Maximum thermal resistance,
Junction to ambient
Rth,JA
98 (typ)
℃
/W
Diode junction capacitance @
f=1MHz and applied 4V reverse
voltage
CJ
120 (typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +125
-55 ~ +150
℃
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle


Similar Part No. - CSOD160

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSOD160LSH CYSTEKEC-CSOD160LSH Datasheet
242Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSOD160

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK14SB CYSTEKEC-SK14SB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com