Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRMK37TP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRMK37TP
Description  TOSHIBA LED Lamp InGaA?밣 Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMK37TP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRMK37TP Datasheet HTML 1Page - Toshiba Semiconductor TLRMK37TP Datasheet HTML 2Page - Toshiba Semiconductor TLRMK37TP Datasheet HTML 3Page - Toshiba Semiconductor TLRMK37TP Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLRMK37TP(F) MT
2009-10-16
3
IF – VF
Forward voltage VF (V)
100
1
1.6
50
10
5
3
1.8
2.0
2.2
2.4
2.6
2.8
30
Ta = 25°C
IV – Tc
Case temperature Tc (°C)
10
0.1
−20
1
0.5
0.3
0
20
40
60
80
5
3
IV – IF
Forward current IF (mA)
10
1
100
100
10000
3
5
30
50
500
1000
30000
3000
5000
300
Ta
= 25°C
Radiation Pattern
Ta = 25 °C
0
0.2
0.4
0.6
0.8
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0
Relative Luminous Intensity
Wavelength
Wavelength λ (nm)
1.0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com